Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL611-20XXXWI-R Fiches technique(PDF) 7 Page - PhaseLink Corporation

No de pièce PL611-20XXXWI-R
Description  Programmable Quick Turn Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611-20XXXWI-R Fiches technique(HTML) 7 Page - PhaseLink Corporation

  PL611-20XXXWI-R Datasheet HTML 1Page - PhaseLink Corporation PL611-20XXXWI-R Datasheet HTML 2Page - PhaseLink Corporation PL611-20XXXWI-R Datasheet HTML 3Page - PhaseLink Corporation PL611-20XXXWI-R Datasheet HTML 4Page - PhaseLink Corporation PL611-20XXXWI-R Datasheet HTML 5Page - PhaseLink Corporation PL611-20XXXWI-R Datasheet HTML 6Page - PhaseLink Corporation PL611-20XXXWI-R Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PL611-20
Programmable Quick Turn ClockTM
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 07/06/05 Page 7
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PL611-XXX X X-R
* PhaseLink will assign a unique 3-digit ID code for each approved programmed part number.
* PhaseLink offers Green Package Only for this product family.
Part / Order Number
Marking
Package Option
PL611-20WC
P611-20WC
Wafer
PL611-20-XXXSC
C2XXX
8-Pin SOIC (Tube)
PL611-20-XXXSC-R
C2XXX
8-Pin SOIC (Tape and Reel)
PL611-20-XXXMC
C2XXX
8-Pin MSOP (Tube)
PL611-20-XXXMC-R
C2XXX
8-Pin MSOP (Tape and Reel)
PL611-20-XXXTC-R
C2XXX
6-Pin SOT-23 (Tape and Reel)
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I = INDUSTRIAL
PACKAGE TYPE
W= Wafer
S=SOIC
M=MSOP
T=SOT
3 DIGIT ID Code *
NONE= TUBE
R=TAPE and REEL



Html Pages

1 2 3 4 5 6 7