| Moteur de recherche de fiches techniques de composants électroniques |
|
PL611-01-XXXSI-R Fiches technique(PDF) 3 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PL611-01-XXXSI-R Fiches technique(HTML) 3 Page - PhaseLink Corporation |
|
3 / 6 page ![]() PL611-01 Programmable Quick Turn ClockTM 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 Rev 09/27/05 Page 3 ELECTRICAL SPECIFICATIONS ABSOLUTE MAXIMUM RATINGS PARAMETERS SYMBOL MIN. MAX. UNITS Supply Voltage Range VDD -0.5 4.6 V Input Voltage Range VI -0.5 VDD +0.5 V Output Voltage Range VO -0.5 VDD +0.5 V Soldering Temperature (Green package) 260 °C Data Retention @ 85 °C 10 Year Storage Temperature TS -65 150 °C Ambient Operating Temperature -40 85 °C Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. AC SPECIFICATIONS PARAMETERS CONDITIONS MIN. TYP. MAX. UNITS Fundamental Crystal 10 30 MHz Crystal Input Frequency(XIN) 3rd Overtone Crystal 75 MHz Input (FIN) Frequency 200 MHz Input (FIN) Signal Amplitude Internally AC coupled 0.9 VDD Vpp After Crystal Start Up (Crystal Input) 100 µs PLL Settling Time After Reference Input Present (FIN) 100 µs 15pF Load, 10/90%VDD, Standard drive 2.5 3.5 ns Output Rise Time 15pF Load, 10/90%VDD, High drive 1.0 1.5 ns 15pF Load, 90/10%VDD, Standard drive 2.5 3.5 ns Output Fall Time 15pF Load, 90/10%VDD, High drive 1.0 1.5 ns Duty Cycle At VDD/2 45 50 55 % Max. output skew between same frequency clocks Equal loading (15 pF). Equal frequency & drive strength 500 ps Period Jitter, peak-to-peak* (measured from 10,000 samples) With capacitive decoupling between VDD and GND. Operating only one output. 70 ps * Note: Jitter performance depends on the programming parameters. |