| Moteur de recherche de fiches techniques de composants électroniques |
|
SES-16D-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SES-16D-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: SES SES SPECIFICATIONS ES-1646 Rev.3 Page 3/4 http://www.m-system.co.jp/ EXTERNAL VIEW OPTION /E2 Loop Test Selector Top Middle Bottom : 0% fixed : 100% fixed : Cancel (normal operating mode) NEXT Key ENTER Key LCD Meter EXTERNAL DIMENSIONS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 107 (4.21) 127 (5) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. TERMINAL ASSIGNMENTS unit: mm (inch) 2 1 8 7 3 4 INPUT RESISTOR (model: REM) Input shunt resistor attached for current input. 5 6 |