Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC210W-22-M2/T Fiches technique(PDF) 7 Page - M-System Co.,Ltd.

No de pièce SC210W-22-M2/T
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC210W-22-M2/T Fiches technique(HTML) 7 Page - M-System Co.,Ltd.

Back Button SC210W-22-M2/T Datasheet HTML 3Page - M-System Co.,Ltd. SC210W-22-M2/T Datasheet HTML 4Page - M-System Co.,Ltd. SC210W-22-M2/T Datasheet HTML 5Page - M-System Co.,Ltd. SC210W-22-M2/T Datasheet HTML 6Page - M-System Co.,Ltd. SC210W-22-M2/T Datasheet HTML 7Page - M-System Co.,Ltd. SC210W-22-M2/T Datasheet HTML 8Page - M-System Co.,Ltd. SC210W-22-M2/T Datasheet HTML 9Page - M-System Co.,Ltd. SC210W-22-M2/T Datasheet HTML 10Page - M-System Co.,Ltd. SC210W-22-M2/T Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MODEL: SC210W
SC210W SPECIFICATIONS
ES-6347 Rev.0 Page 7/13
http://www.m-system.co.jp/
COMMUNICATION CABLE CONNECTIONS
SML
SML
SC210W
*1
*1
T1
T2
T3
FG
T1
T2
T3
T4
T1
T2
T3
T4
■ Modbus-RTU
■ NestBus
R2K-1
SC210W
SC210W
RS-232-C
RS-485
*1
*1
*1. Internal terminating resistor is used when the device is at the end of a transmission line.
*2. For noise protection, connect all shielded cables with each other and ground them at a single dedicated ground point within
the system with grounding resistance of 100 Ω or less. Note that the most suitable ground point differs depending on the system.
Also note that there may be cases where less noise is caused when the shields are left ungrounded.
*2
FG
*2
FG
RS-485
T1
T2
T3
T4
T1
T2
T3
FG
T1
T2
T3
FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13