Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC210-22-M2/T Fiches technique(PDF) 6 Page - M-System Co.,Ltd.

No de pièce SC210-22-M2/T
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC210-22-M2/T Fiches technique(HTML) 6 Page - M-System Co.,Ltd.

Back Button SC210-22-M2/T Datasheet HTML 2Page - M-System Co.,Ltd. SC210-22-M2/T Datasheet HTML 3Page - M-System Co.,Ltd. SC210-22-M2/T Datasheet HTML 4Page - M-System Co.,Ltd. SC210-22-M2/T Datasheet HTML 5Page - M-System Co.,Ltd. SC210-22-M2/T Datasheet HTML 6Page - M-System Co.,Ltd. SC210-22-M2/T Datasheet HTML 7Page - M-System Co.,Ltd. SC210-22-M2/T Datasheet HTML 8Page - M-System Co.,Ltd. SC210-22-M2/T Datasheet HTML 9Page - M-System Co.,Ltd. SC210-22-M2/T Datasheet HTML 10Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MODEL: SC210
SC210 SPECIFICATIONS
ES-6340 Rev.18 Page 6/14
http://www.m-system.co.jp/
EXTERNAL VIEW
Auto/Man
■ CONTROL MODULE FRONT VIEW
• Infrared communication type
1
3
2
4
5
6
7
• Stereo jack type
■ BACKUP MODULE
9
10
13
12
11
4
5
6
7
1
8
Auto/Man
2
1. TFT Color LCD with touch panel
Provides operation and engineering views to facilitate monitoring and setting
2. MV output setting indicator LEDs for the backup mode
3.
Infrared communication port
Used to communicate with PC via IRDA Communication Adaptor (model: COP-IRDA) to program and change parameters
using Loop Configuration Builder Software (model: SFEW3E) or PC Configurator Software (model: SCCFG)
4. MV value (DOWN) button
5. Acceleration button
(Accelerates MV signal’s changing speed by pressing simultaneously with MV value button)
6. MV value (UP) button
7. Auto / Man selector (changes the control mode for MV output)
8. Configurator jack and cap
Connects with a PC where Loop Configuration Builder Software (model: SFEW3E) or PC configurator software (model: SCCFG)
is installed via a PC configurator cable (model: COP-US) and enables programming and parameter setting
9. MV output setting indicators
10. Configurator jack
11. MV value (UP) button
12. Acceleration button
(Accelerates MV signal’s changing speed by pressing simultaneously with MV value button)
13. MV value (DOWN) button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14