Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SML-G3-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd.

No de pièce SML-G3-R
Description  Single Loop Controller Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SML-G3-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd.

  SML-G3-R Datasheet HTML 1Page - M-System Co.,Ltd. SML-G3-R Datasheet HTML 2Page - M-System Co.,Ltd. SML-G3-R Datasheet HTML 3Page - M-System Co.,Ltd. SML-G3-R Datasheet HTML 4Page - M-System Co.,Ltd. SML-G3-R Datasheet HTML 5Page - M-System Co.,Ltd. SML-G3-R Datasheet HTML 6Page - M-System Co.,Ltd. SML-G3-R Datasheet HTML 7Page - M-System Co.,Ltd. SML-G3-R Datasheet HTML 8Page - M-System Co.,Ltd. SML-G3-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MODEL: SML
SML SPECIFICATIONS
ES-6371 Rev.4 Page 4/17
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
Base Socket
Nest Bus
Comm. Circuit
Control
Circuit
U(+)
V(–)
POWER
7
14
8
Ry
GROUND FG
I / O
RUN CONTACT OUTPUT
+
–
T3
T2
T1
T6
T5
T4
Shielded
Twisted-pair Cable
To Other
Nest Bus
Devices
Jumper Pin*
TERMINATOR
CARD NO.
SET SW
RUN LED
*When the device is located at the end of a transmission line via
twisted-pair cable (when there is no cross-wiring), close across
the terminal T2 – T3 with the attached jumper pin (or with a leadwire).
When the device is not at the end, remove the jumper pin.
For cross-wiring, use the terminal T1, T2 and T4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17