| Moteur de recherche de fiches techniques de composants électroniques |
|
TR30-G-R Fiches technique(PDF) 8 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
TR30-G-R Fiches technique(HTML) 8 Page - M-System Co.,Ltd. |
|
8 / 8 page ![]() MODEL: TR30 TR30 SPECIFICATIONS ES-8631 Rev.16 Page 8/8 http://www.m-system.co.jp/ SYSTEM CONFIGURATION EXAMPLES Devices other than the TR30 in below provided by the user. TR30 PC SD CARD Viewer software (model: TRViewer) ■ STAND-ALONE Router Ethernet LAN PC TR30 Tablet Router *1 Internet (WAN) ■ VIA INTERNET (WAN) ISP ISP Mobile Line *1. D.DNS service or static IP address is reguired. Note: Data storing to SD card is performed at every transfer interval. Wi-Fi Router Tablet ■ VIA LOCAL NETWORK (LAN) Ethernet PC TR30 Hub Specifications are subject to change without notice. |