Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL072ACDR Fiches technique(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL072ACDR
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL072ACDR Fiches technique(HTML) 55 Page - Texas Instruments

Back Button TL072ACDR Datasheet HTML 51Page - Texas Instruments TL072ACDR Datasheet HTML 52Page - Texas Instruments TL072ACDR Datasheet HTML 53Page - Texas Instruments TL072ACDR Datasheet HTML 54Page - Texas Instruments TL072ACDR Datasheet HTML 55Page - Texas Instruments TL072ACDR Datasheet HTML 56Page - Texas Instruments TL072ACDR Datasheet HTML 57Page - Texas Instruments TL072ACDR Datasheet HTML 58Page - Texas Instruments TL072ACDR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL071CDR
SOIC
D
8
2500
853.0
449.0
35.0
TL071CPSR
SO
PS
8
2000
853.0
449.0
35.0
TL071HIDBVR
SOT-23
DBV
5
3000
210.0
185.0
35.0
TL071HIDCKR
SC70
DCK
5
3000
190.0
190.0
30.0
TL071HIDR
SOIC
D
8
3000
853.0
449.0
35.0
TL071IDR
SOIC
D
8
2500
340.5
336.1
25.0
TL072ACDR
SOIC
D
8
2500
340.5
336.1
25.0
TL072BCDR
SOIC
D
8
2500
340.5
336.1
25.0
TL072CDR
SOIC
D
8
2500
340.5
336.1
25.0
TL072CDR
SOIC
D
8
2500
853.0
449.0
35.0
TL072CPSR
SO
PS
8
2000
853.0
449.0
35.0
TL072CPWR
TSSOP
PW
8
2000
853.0
449.0
35.0
TL072HIDDFR
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
TL072HIDR
SOIC
D
8
3000
853.0
449.0
35.0
TL072HIPWR
TSSOP
PW
8
3000
853.0
449.0
35.0
TL072IDR
SOIC
D
8
2500
340.5
336.1
25.0
TL072IDR
SOIC
D
8
2500
853.0
449.0
35.0
TL074ACDR
SOIC
D
14
2500
340.5
336.1
32.0
TL074ACNSR
SO
NS
14
2000
853.0
449.0
35.0
TL074BCDR
SOIC
D
14
2500
340.5
336.1
32.0
TL074CDBR
SSOP
DB
14
2000
853.0
449.0
35.0
TL074CDR
SOIC
D
14
2500
340.5
336.1
32.0
TL074CDRG4
SOIC
D
14
2500
340.5
336.1
32.0
TL074CNSR
SO
NS
14
2000
853.0
449.0
35.0
TL074CPWR
TSSOP
PW
14
2000
853.0
449.0
35.0
TL074HIDR
SOIC
D
14
2500
853.0
449.0
35.0
TL074HIPWR
TSSOP
PW
14
2000
853.0
449.0
35.0
TL074IDR
SOIC
D
14
2500
340.5
336.1
32.0
PACKAGE MATERIALS INFORMATION
www.ti.com
31-Jul-2021
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90