| Moteur de recherche de fiches techniques de composants électroniques |
|
TL072CPWR Fiches technique(PDF) 75 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CPWR Fiches technique(HTML) 75 Page - Texas Instruments |
|
75 / 90 page ![]() MECHANICAL DATA MCER001A – JANUARY 1995 – REVISED JANUARY 1997 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 JG (R-GDIP-T8) CERAMIC DUAL-IN-LINE 0.310 (7,87) 0.290 (7,37) 0.014 (0,36) 0.008 (0,20) Seating Plane 4040107/C 08/96 5 4 0.065 (1,65) 0.045 (1,14) 8 1 0.020 (0,51) MIN 0.400 (10,16) 0.355 (9,00) 0.015 (0,38) 0.023 (0,58) 0.063 (1,60) 0.015 (0,38) 0.200 (5,08) MAX 0.130 (3,30) MIN 0.245 (6,22) 0.280 (7,11) 0.100 (2,54) 0 °–15° NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a ceramic lid using glass frit. D. Index point is provided on cap for terminal identification. E. Falls within MIL STD 1835 GDIP1-T8 |