Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2111FX Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce ST2111FX
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2111FX Fiches technique(HTML) 5 Page - STMicroelectronics

  ST2111FX Datasheet HTML 1Page - STMicroelectronics ST2111FX Datasheet HTML 2Page - STMicroelectronics ST2111FX Datasheet HTML 3Page - STMicroelectronics ST2111FX Datasheet HTML 4Page - STMicroelectronics ST2111FX Datasheet HTML 5Page - STMicroelectronics ST2111FX Datasheet HTML 6Page - STMicroelectronics ST2111FX Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST2111FX
3 Package Mechanical Data
5/7
DIM.
mm.
MIN.
TYP
MAX.
A
5.30
5.70
C
2.80
3.20
D
3.10
3.50
D1
1.80
2.20
E
0.80
1.10
F
0.65
0.95
F2
1.80
2.20
G
10.30
11.50
G1
5.45
H
15.30
15.70
L9
10.20
L2
22.80
23.20
L3
26.30
26.70
L4
43.20
44.40
L5
4.30
4.70
L6
24.30
24.70
L7
14.60
15
N
1.80
2.20
R
3.80
4.20
Dia
3.40
3.80
ISOWATT218FX MECHANICAL DATA
7627132 B



Html Pages

1 2 3 4 5 6 7