Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT24CSW01X Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Fiches technique(HTML) 2 Page - Microchip Technology

  AT24CSW01X Datasheet HTML 1Page - Microchip Technology AT24CSW01X Datasheet HTML 2Page - Microchip Technology AT24CSW01X Datasheet HTML 3Page - Microchip Technology AT24CSW01X Datasheet HTML 4Page - Microchip Technology AT24CSW01X Datasheet HTML 5Page - Microchip Technology AT24CSW01X Datasheet HTML 6Page - Microchip Technology AT24CSW01X Datasheet HTML 7Page - Microchip Technology AT24CSW01X Datasheet HTML 8Page - Microchip Technology AT24CSW01X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Table of Contents
Features......................................................................................................................................................... 1
Packages........................................................................................................................................................1
1.
Package Types (not to scale)..................................................................................................................4
2.
Pin Descriptions...................................................................................................................................... 5
2.1.
Serial Clock (SCL)........................................................................................................................5
2.2.
Ground (GND).............................................................................................................................. 5
2.3.
Serial Data (SDA).........................................................................................................................5
2.4.
Device Power Supply (VCC)......................................................................................................... 5
2.5.
Write-Protect (WP)....................................................................................................................... 5
3.
Description.............................................................................................................................................. 7
3.1.
System Configuration Using Two-Wire Serial EEPROMs ........................................................... 7
3.2.
Block Diagram.............................................................................................................................. 8
4.
Electrical Characteristics.........................................................................................................................9
4.1.
Absolute Maximum Ratings..........................................................................................................9
4.2.
DC and AC Operating Range.......................................................................................................9
4.3.
DC Characteristics....................................................................................................................... 9
4.4.
AC Characteristics......................................................................................................................10
4.5.
Electrical Specifications..............................................................................................................11
5.
Device Operation and Communication................................................................................................. 13
5.1.
Clock and Data Transition Requirements...................................................................................13
5.2.
Start and Stop Conditions.......................................................................................................... 13
5.3.
Acknowledge and No-Acknowledge...........................................................................................14
5.4.
Standby Mode............................................................................................................................ 14
5.5.
Software Reset...........................................................................................................................14
6.
Memory Organization............................................................................................................................16
6.1.
Device Addressing..................................................................................................................... 16
7.
Write Operations................................................................................................................................... 18
7.1.
Byte Write...................................................................................................................................18
7.2.
Page Write..................................................................................................................................18
7.3.
Acknowledge Polling.................................................................................................................. 19
7.4.
Write Cycle Timing..................................................................................................................... 19
8.
Write Protection.....................................................................................................................................21
8.1.
Hardware Write Protection......................................................................................................... 21
8.2.
Software Write Protection of the EEPROM Array...................................................................... 21
8.3.
Writing to the Write Protection Register..................................................................................... 23
8.4.
Reading the Write Protection Register....................................................................................... 23
9.
Read Operations................................................................................................................................... 25
9.1.
Current Address Read................................................................................................................25
AT24CSW01X/AT24CSW02X
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41