Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT24CM02 Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Fiches technique(HTML) 29 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 25Page - Microchip Technology AT24CM02 Datasheet HTML 26Page - Microchip Technology AT24CM02 Datasheet HTML 27Page - Microchip Technology AT24CM02 Datasheet HTML 28Page - Microchip Technology AT24CM02 Datasheet HTML 29Page - Microchip Technology AT24CM02 Datasheet HTML 30Page - Microchip Technology AT24CM02 Datasheet HTML 31Page - Microchip Technology AT24CM02 Datasheet HTML 32Page - Microchip Technology AT24CM02 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
11.
Revision History
Revision C (March 2021)
Corrected SOIC Package Type drawing. Updated the SOIC package drawing.
Revision B (December 2020)
Updated Revision History to latest template. Removed thin height WLCSP product offering. Replaced terminology
“Master” and “Slave” with “Host” and “Client”, respectively.
Revision A (May 2019)
Updated to Microchip template. Microchip DS20006197 replaces Atmel document 8812. Corrected tLOW typo from
400 ns to 500 ns. Corrected tAA typo from 550 ns to 450 ns. Updated Part Marking Information. Updated the
“Software Reset” section. Added ESD rating. Removed lead finish designation. Updated trace code format in
package markings. Updated section content throughout for clarification. Updated SOIC package drawing to Microchip
format.
Atmel Document 8828 Revision E (January 2017)
Updated Power-on Requirements and Reset Behavior section.
Atmel Document 8828 Revision D (May 2016)
Added the 8U-18 standard thickness WLCSP package option. Updated the “Clock and Data Transition
Requirements” section and the “DC Characteristics” table.
Atmel Document 8828 Revision C (November 2015)
Corrected 8-ball WLCSP pinout.
Atmel Document 8828 Revision B (August 2015)
Updated the 8U-11 package drawing, data retention discrepancy and 8-ball pinout.
Atmel Document 8828 Revision A (May 2015)
Initial document release.
AT24CM02
Revision History
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34