Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24CS512TE/ST Fiches technique(PDF) 37 Page - Microchip Technology

No de pièce 24CS512TE/ST
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512TE/ST Fiches technique(HTML) 37 Page - Microchip Technology

Back Button 24CS512TE/ST Datasheet HTML 33Page - Microchip Technology 24CS512TE/ST Datasheet HTML 34Page - Microchip Technology 24CS512TE/ST Datasheet HTML 35Page - Microchip Technology 24CS512TE/ST Datasheet HTML 36Page - Microchip Technology 24CS512TE/ST Datasheet HTML 37Page - Microchip Technology 24CS512TE/ST Datasheet HTML 38Page - Microchip Technology 24CS512TE/ST Datasheet HTML 39Page - Microchip Technology 24CS512TE/ST Datasheet HTML 40Page - Microchip Technology 24CS512TE/ST Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
 2018-2021 Microchip Technology Inc.
DS20005769C-page 37
24CS512
12.0 DEVICE DEFAULT CONDITION
The 24CS512 is delivered with the EEPROM array set
to logic ‘1’, resulting in FFh data in all locations of the
EEPROM memory array.
The Security register contains a preprogrammed,
128-bit serial number in the lower 16 bytes. The
user-programmable portion (lockable ID page) is
unlocked and is set to logic ‘1’, resulting in 128 bytes of
FFh data.
The Configuration register is set for Legacy Hardware
Write Protection mode (EWPM = ‘0’) and is unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66