Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24CS512TE/SM Fiches technique(PDF) 62 Page - Microchip Technology

No de pièce 24CS512TE/SM
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512TE/SM Fiches technique(HTML) 62 Page - Microchip Technology

Back Button 24CS512TE/SM Datasheet HTML 58Page - Microchip Technology 24CS512TE/SM Datasheet HTML 59Page - Microchip Technology 24CS512TE/SM Datasheet HTML 60Page - Microchip Technology 24CS512TE/SM Datasheet HTML 61Page - Microchip Technology 24CS512TE/SM Datasheet HTML 62Page - Microchip Technology 24CS512TE/SM Datasheet HTML 63Page - Microchip Technology 24CS512TE/SM Datasheet HTML 64Page - Microchip Technology 24CS512TE/SM Datasheet HTML 65Page - Microchip Technology 24CS512TE/SM Datasheet HTML 66Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
24CS512
DS20005769C-page 62
 2018-2021 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
Revision C (07/2021)
Replaced terminology “Master” and “Slave” with “Host”
and “Client” respectively; Changed “MUY” with “Q4B”
part number for UDFN package; Updated UDFN
package drawing.
Revision B (07/2020)
Added Extended temperature range, updated PDIP,
SOIC, SOT23 and UDFN package drawings and added
the CSP package drawing.
Revision A (06/2018)
Initial release of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66