Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24CS512T-I/CS0668 Fiches technique(PDF) 43 Page - Microchip Technology

No de pièce 24CS512T-I/CS0668
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512T-I/CS0668 Fiches technique(HTML) 43 Page - Microchip Technology

Back Button 24CS512T-I/CS0668 Datasheet HTML 39Page - Microchip Technology 24CS512T-I/CS0668 Datasheet HTML 40Page - Microchip Technology 24CS512T-I/CS0668 Datasheet HTML 41Page - Microchip Technology 24CS512T-I/CS0668 Datasheet HTML 42Page - Microchip Technology 24CS512T-I/CS0668 Datasheet HTML 43Page - Microchip Technology 24CS512T-I/CS0668 Datasheet HTML 44Page - Microchip Technology 24CS512T-I/CS0668 Datasheet HTML 45Page - Microchip Technology 24CS512T-I/CS0668 Datasheet HTML 46Page - Microchip Technology 24CS512T-I/CS0668 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
 2018-2021 Microchip Technology Inc.
DS20005769C-page 43
24CS512
B
A
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing No. C04-018-P Rev E Sheet 1 of 2
8-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
eB
E
A
A1
A2
L
8X b
8X b1
E1
c
C
PLANE
.010
C
12
N
D
NOTE 1
TOP VIEW
END VIEW
SIDE VIEW
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66