| Moteur de recherche de fiches techniques de composants électroniques |
|
RBS-3D-C/Q Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
RBS-3D-C/Q Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: RBS RBS SPECIFICATIONS ES-1334-CE Rev.9 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 107 (4.21) 127 (5) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 3 4 A B B RTD 5 6 + – Isolation Base Socket S Z Output Driver OUTPUT 1 2 U(+) V(–) POWER 7 8 Burnout Linearizer 2mA 2mA Differential Amplifier + – Reference Resistor Specifications are subject to change without notice. |