Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6718 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STM6718
Description  Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6718 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STM6718 Datasheet HTML 10Page - STMicroelectronics STM6718 Datasheet HTML 11Page - STMicroelectronics STM6718 Datasheet HTML 12Page - STMicroelectronics STM6718 Datasheet HTML 13Page - STMicroelectronics STM6718 Datasheet HTML 14Page - STMicroelectronics STM6718 Datasheet HTML 15Page - STMicroelectronics STM6718 Datasheet HTML 16Page - STMicroelectronics STM6718 Datasheet HTML 17Page - STMicroelectronics STM6718 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
STM6717/6718/6719/6720/6777/6778/6779*/6780*
14/25
Figure 24. Reset Input-to-Reset Output Delay vs. Temperature
Figure 25. MR-to-Reset Output Delay vs. Temperature (VCC1 = 3.6V)
25.0
AI11853
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
–40
–20
0
20
40
60
80
Temperature (
°C)
400
AI11854
420
440
460
480
500
–40
–20
0
20
40
60
80
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25