Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD69208M Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce PD69208M
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208M Fiches technique(HTML) 29 Page - Microchip Technology

Back Button PD69208M Datasheet HTML 25Page - Microchip Technology PD69208M Datasheet HTML 26Page - Microchip Technology PD69208M Datasheet HTML 27Page - Microchip Technology PD69208M Datasheet HTML 28Page - Microchip Technology PD69208M Datasheet HTML 29Page - Microchip Technology PD69208M Datasheet HTML 30Page - Microchip Technology PD69208M Datasheet HTML 31Page - Microchip Technology PD69208M Datasheet HTML 32Page - Microchip Technology PD69208M Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Figure 5-10. Reel Specifications
Table 5-6. Reel Mechanical Data
Dimensions
Value (mm)
Value (inch)
Tape size
16.00 ±0.3
0.630 ±0.012
A max.
330
13
B max.
1.5
0.059
C
13.0 ±0.20
0.512 ±0.008
D min.
20.2
0.795
N min.
50
1.968
G
16.4+2.0/–0.0
0.724 to 0.645
T max.
29
1.142
Base quantity: 2000 pieces
5.6
Reference Documents
• IEEE Std 802.3-2018 Clause 33 Power over Ethernet over 2-Pair and Clause 145 Power over Ethernet
• PD692x0_Serial Communication Protocol User Guide
• Microchip AN3361 Designing an IEEE 802.3af/802.3at/802.3bt-Compliant PD69208 48-Port PoE System
• AN3378 Surge Protection Application Note 8-Port PSE PoE Manager PD69208T4/M/4T4
• PD692x0+PD69208M/208T4/204T4 Implementing Perpetual PoE (PPoE) and Fast PoE
• PD69210, PD69220 & PD39210 PoE PSE Controller Data Sheet
• PD69200 PoE PSE Controller Data Sheet
PD69208T4/PD69204T4/PD69208M
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35