| Moteur de recherche de fiches techniques de composants électroniques |
|
MIC7300YMM Fiches technique(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC7300YMM Fiches technique(HTML) 3 Page - Microchip Technology |
|
3 / 22 page ![]() 2020 Microchip Technology Inc. DS20006305A-page 3 MIC7300 Output Swing VOUT — 0.15 1 mV Output high, RL = 100 kΩ, specified as VV+ – VOUT — — 1 mV Output high, RL = 100 kΩ, specified as VV+ – VOUT, –40°C ≤ TJ ≤ +85°C — 0.15 1 mV Output low, RL = 100 kΩ — — 1 mV Output low, RL = 100 kΩ, –40°C ≤ TJ ≤ +85°C — 10 33 mV Output high, RL = 2 kΩ, specified as VV+ – VOUT — — 50 mV Output high, RL = 2 kΩ, specified as VV+ – VOUT, –40°C ≤ TJ ≤ +85°C — 10 33 mV Output low, RL = 2 kΩ — — 50 mV Output low, RL = 2 kΩ, –40°C ≤ TJ ≤ +85°C — 33 110 mV Output high, RL = 600Ω, specified as VV+ – VOUT — — 165 mV Output high, RL = 600Ω, specified as VV+ – VOUT, –40°C ≤ TJ ≤ +85°C — 33 110 mV Output low, RL = 600Ω — — 165 mV Output low, RL = 600Ω, –40°C ≤ TJ ≤ +85°C Output Short Circuit Current ISC 20 40 — mA Sinking or sourcing (Note 2) Supply Current IS — 0.7 2.0 mA VOUT = V+/2 AC CHARACTERISTICS (2.2V) Electrical Characteristics: Unless otherwise indicated, VV+ = +2.2V, VV– = 0V, VCM = VOUT = VV+/2; RL = 1 MΩ; TJ = 25°C, Note 1. Parameter Symbol Min. Typ. Max. Units Conditions Slew Rate SR — 0.5 — V/ s — Gain-Bandwidth Product GBWP — 0.55 — MHz — Phase Margin m — 80 — ° CL = 0 pF — 40 — ° CL = 2500 pF Gain Margin Gm — 10 — dB — Note 1: All limits guaranteed by testing or statistical analysis. DC CHARACTERISTICS (2.2V) (CONTINUED) Electrical Characteristics: Unless otherwise indicated, VV+ = +2.2V, VV– = 0V, VCM = VOUT = VV+/2; RL = 1 MΩ; TJ = 25°C. Parameter Symbol Min. Typ. Max. Units Conditions Note 1: CMRR is determined as follows: The maximum ΔVOS over the VCM range is divided by the magnitude of the VCM range. The measurement points are: VV–, (VV+ – VV–)/2, and VV+. 2: Continuous short circuit may exceed absolute maximum TJ under some conditions. |