Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD39210 Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce PD39210
Description  PoE PSE Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39210 Fiches technique(HTML) 4 Page - Microchip Technology

  PD39210 Datasheet HTML 1Page - Microchip Technology PD39210 Datasheet HTML 2Page - Microchip Technology PD39210 Datasheet HTML 3Page - Microchip Technology PD39210 Datasheet HTML 4Page - Microchip Technology PD39210 Datasheet HTML 5Page - Microchip Technology PD39210 Datasheet HTML 6Page - Microchip Technology PD39210 Datasheet HTML 7Page - Microchip Technology PD39210 Datasheet HTML 8Page - Microchip Technology PD39210 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
1.
Architecture
The following figures show the simplified hardware architecture and firmware architecture of the PoE system based
on the PD39210 controller and PD39208 manager.
Figure 1-1. Simplified Hardware Architecture
PoE Manager
PD39208
PoE Controller
PD39210
Host
Microprocessor
SPI
I
2C
UART
Figure 1-2. Simplified Firmware Architecture
PoE Manager
PoE Controller
P2.xx Firmware
Supports 802.3af/at
Host Microprocessor
GUI
Customer
Application
API
System
Services
Serial
Communication
Protocol
I
2C or UART
• Dark grey boxes indicate Microchip-supplied firmware.
• Light grey boxes indicate Microchip-provided documentation.
• White boxes are user-supplied.
1.1
Firmware
• Firmware is pre-programmed in PD39210. Firmware version is identifiable via the IC Ordering Part Number.
• Firmware is vendor-agnostic with regards to choice of the host controller.
• May be operated standalone or with I2C or UART communication to host.
• Default profiles are coded into the firmware. Microchip offers a Configuration Tool for profile modification.
• Firmware is field upgradeable via the I2C or UART link.
1.2
Communication
Communication between the host application and the controller’s firmware may be done via a 15-byte protocol.
Customers may use a Microchip-provided API. Microchip provides a Serial Communication Protocol Guide.
1.3
GUI
This is a diagnostic tool for control of the Microchip PSE emulating or bypassing the host processor.
PD39210
Architecture
© 2020 Microchip Technology Inc.
Datasheet
DS00003554C-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22