| Moteur de recherche de fiches techniques de composants électroniques |
|
HVC327C Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HVC327C Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.1.00, Apr 16, 2004, page 1 of 4 HVC327C Variable Capacitance Diode for VHF tuner REJ03G0053-0100Z Rev.1.00 Apr 16, 2004 Features • Low voltage type (tuning voltage 1 to 10V), it is suitable for ET without DC/DC converter. • High capacitance ratio (n = 11.0 min). • Low series resistance and good C-V linearity. • Ultra small Flat Package (UFP) is suitable for surface mount design. Ordering Information Type No. Laser Mark Package Code HVC327C E3 UFP Pin Arrangement 12 E3 Cathode mark Mark 1. Cathode 2. Anode |
Numéro de pièce similaire - HVC327C |
|
Description similaire - HVC327C |