| Moteur de recherche de fiches techniques de composants électroniques |
|
OMT600-R200-2EP-IO-V31-L Fiches technique(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OMT600-R200-2EP-IO-V31-L Fiches technique(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 4 page ![]() Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com 1 Distance sensor OMT600-R200-2EP-IO-V31-L Dimensions Electrical connection Pinout Indicators/operating means 6 29.9 5.8 7 7 41.7 M8 x 1 Receiver Emitter 1 L+ 4 2 3 Q2 C/Q L- 13 24 1 BN 2 WH 3 BU 4 BK Wire colors in accordance with EN 60947-5-2 (brown) (white) (blue) (black) Q1B Switching output 1/switch point B Q1A Switching output 1/switch point A Q2A Switching output 2/switch point A Q2B Switching output 2/switch point B 0 Keylock 1 Mode rotary switch 2 Teach-in button 3 Switching output display Q2 4 Switching output display Q1 5 Operating indicator 1 2 3 4 5 0 YE YE GN Model Number OMT600-R200-2EP-IO-V31-L Distance sensor with 4-pin, M8 x 1 connector Features • Medium design with versatile mounting options • Space-saving distance sensors in small standardized design • Multi Pixel Technology (MPT) - exact and precise signal evaluation • IO-link interface for service and process data Product information The optical sensors in the series are the first devices to offer an end-to-end solution in a medium-sized standard design—from the thru-beam sensor through to the measuring distance sensor. As a result of this design, the sensors are able to perform practically all standard automation tasks. The entire series enables sensors to communicate via IO-Link. The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor. Multi Pixel Technology (MPT) ensures that the standard sensors are flexible and can be adapted to the application environment. |
Numéro de pièce similaire - OMT600-R200-2EP-IO-V31-L |
|
Description similaire - OMT600-R200-2EP-IO-V31-L |