Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMT550-R200-UEP-IO-V1 Fiches technique(PDF) 5 Page - Pepperl+Fuchs Inc.

No de pièce OMT550-R200-UEP-IO-V1
Description  Distance sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PF [Pepperl+Fuchs Inc.]
Site Internet  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMT550-R200-UEP-IO-V1 Fiches technique(HTML) 5 Page - Pepperl+Fuchs Inc.

  OMT550-R200-UEP-IO-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMT550-R200-UEP-IO-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMT550-R200-UEP-IO-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMT550-R200-UEP-IO-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OMT550-R200-UEP-IO-V1 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Distance sensor
OMT550-R200-UEP-IO-V1
5
Setting different operating modes via the IO-Link interface
The devices are equipped with an IO-Link interface as standard for diagnostics and parameterization tasks to ensure optimum
adjustment of the sensors to the relevant application.
Single point mode operating mode (one switch point):
• "Detection of objects irrespective of type and color in a defined detection range. Objects in the background are suppressed.
• "The switch point corresponds exactly to the set point.
Window mode operating mode (two switch points):
• Detection of objects irrespective of type and color in a defined detection range. Reliable detection when object leaves the detection range.
• Window mode with two switch points.
Center window mode operating mode (one switch point):
• Detection of objects irrespective of type and color in a defined detection range. Sets a defined window around a given object. Objects outside
this window are not detected.
• Window mode with one switch point.
Two point mode operating mode (hysteresis operating mode):
• Detection of objects irrespective of type and color between a defined switch-on and switch-off point.
Inactive operating mode:
• Evaluation of switching signals is deactivated.
The associated IODD device description file can be found in the download area at www.pepperl-fuchs.com.
0
BA
Analog value
Distance
Max. distance
Min. distance
Falling slope (A > B)
No measurement data
Configuration via IO-Link interface
active detection range
Background
suppression
active detection range
Background suppression
Foreground suppression
active detection range
Background suppression
Foreground suppression
active detection range
Hysteresis
Output
Output



Html Pages

1 2 3 4 5