| Moteur de recherche de fiches techniques de composants électroniques |
|
LP3971 Fiches technique(PDF) 36 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP3971 Fiches technique(HTML) 36 Page - National Semiconductor (TI) |
|
36 / 42 page ![]() Application Note TYPICAL CONNECTION DIAGRAMS LP3971 is flexible for different system configurations. Differ- ent power domains can be selected based on current and voltage needs. Additionally Buck2 LDO4 and lDO5 default enables can be changed for further flexibility. Please note that LDO1 is recommended to be used for I/Os if RTC voltage need to track I/O voltage. Also LDO4 and LDO5 has an own V IN pin which can be driven from a buck regulator for higher system efficiency. Typical Application Diagram with Advanced Applications Processor Version “A” 20180720 www.national.com 36 |