Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD-9501GC Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce PD-9501GC
Description  Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9501GC Fiches technique(HTML) 2 Page - Microchip Technology

  PD-9501GC Datasheet HTML 1Page - Microchip Technology PD-9501GC Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo and the Microchip logo are registered trademarks and XpressConnect is a trademark of Microchip
Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of their respective
companies.
© 2021, Microchip Technology Incorporated. All Rights Reserved. 6/21
DS00004045A
Technical Support
For technical support please visit the Microchip Technical Support Portal www.microchip.com/support.
Ordering Information
Part Number
Name
Description
PD-9501GC/AC-XX
PD-9501GC/AC-EU European Union Power Cord
PD-9501GC/AC-JP Japan Power Cord
PD-9501GC/AC-UK United Kingdom Power Cord
PD-9501GC/AC-US United States Power Cord
PD-9501GC
Single port, IEEE 802.3bt Type 3, Gbps,
60W 4-Pairs PoE indoor midspan
Contact Microchip for other options
About Microchip mPoE
Microchip multi-Power over Ethernet (mPoE) is a technology that powers any wired network
device seamlessly and efficiently, making it the ideal solution for Ethernet-based applications.
Leveraging a uniquely designed algorithm, this technology solves interoperability issues
between different PoE standards and legacy solutions to provide an international network
power standard. As a pioneer in PoE technology, we offer a comprehensive end-to-end portfolio
of PoE solutions comprised of PoE ICs and PoE systems (midspans/injectors and switches).



Html Pages

1 2