Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW4810BHD Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce STW4810BHD
Description  Power Management for Multimedia Processors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810BHD Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button STW4810BHD Datasheet HTML 63Page - STMicroelectronics STW4810BHD Datasheet HTML 64Page - STMicroelectronics STW4810BHD Datasheet HTML 65Page - STMicroelectronics STW4810BHD Datasheet HTML 66Page - STMicroelectronics STW4810BHD Datasheet HTML 67Page - STMicroelectronics STW4810BHD Datasheet HTML 68Page - STMicroelectronics STW4810BHD Datasheet HTML 69Page - STMicroelectronics STW4810BHD Datasheet HTML 70Page - STMicroelectronics STW4810BHD Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
STw4810
7 Package mechanical data
Rev3
67/72
7
Package mechanical data
7.1
TFBGA 84 balls
See
Figure 16: TFBGA 84 balls 6x6x1.2mm body size / 0.5 ball pitch drawing.
Table 54.
TFBGA 84 balls 6x6x1.2mm body size / 0.5 ball pitch drawing dimensions(1)
1.
These measurements conform to JEDEC standards
Drawing dimensions (mm)
Min.
Typ.
Max.
A
1.16
A1
0.20
0.25
0.30
A2
0.82
b
0.25
0.30
0.35
D
5.90
6.00
6.10
D1
4.50
E
5.90
6.00
6.10
E1
4.50
e
0.45
0.50
0.55
f
0.65
0.75
0.85
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72