Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW8019 Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce STW8019
Description  Mobile Video DENC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019 Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button STW8019 Datasheet HTML 46Page - STMicroelectronics STW8019 Datasheet HTML 47Page - STMicroelectronics STW8019 Datasheet HTML 48Page - STMicroelectronics STW8019 Datasheet HTML 49Page - STMicroelectronics STW8019 Datasheet HTML 50Page - STMicroelectronics STW8019 Datasheet HTML 51Page - STMicroelectronics STW8019 Datasheet HTML 52Page - STMicroelectronics STW8019 Datasheet HTML 53Page - STMicroelectronics STW8019 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Package mechanical data
STw8009/STw8019
50/55
9
Package mechanical data
9.1
TFBGA 49 balls
Table 28.
TFBGA 4x4x1.2 mm
Dimensions (mm)
Reference
Min
Typ
Max
A
1.2
A1
0.15
A2
0.8
A3
0.2
A4
0.6
b
0.25
0.3
0.35
D
3.85
4.00
4.15
D1
3.00
E
3.85
4.00
4.15
E1
3.00
e0.50
F0.5
ddd
0.08
eee
0.15
fff
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55