| Moteur de recherche de fiches techniques de composants électroniques |
|
SC100-R0-M2/600 Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SC100-R0-M2/600 Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 10 page ![]() MODEL: SC100 SC100 SPECIFICATIONS ES-6337 Rev.16 Page 5/10 http://www.m-system.co.jp/ EXTERNAL VIEW Auto/Man 1 2 3 4 5 6 3 4 5 6 1 7 Auto/Man 1. TFT Color LCD with touch panel Provides operation and engineering views to facilitate monitoring and setting 2. Infrared communication port Used to communicate with PC via IRDA Communication Adaptor (model: COP-IRDA) to program and change parameters using Loop Configuration Builder Software (model: SFEW3E) or PC Configurator Software (model: SCCFG) 3. MV value (DOWN) button 4. Acceleration button (Accelerates MV signal’s changing speed by pressing simultaneously with MV value button) 5. MV value (UP) button 6. Auto / Man selector (changes the control mode for MV output) 7. Configurator jack and cap Connects with a PC where Loop Configuration Builder Software (model: SFEW3E) or PC configurator software (model: SCCFG) is installed via a PC configurator cable (model: COP-US) and enables programming and parameter setting ■ CONTROL MODULE FRONT VIEW • Infrared communication type • Stereo jack type |