Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP9NK60ZFD Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STP9NK60ZFD
Description  N-CHANNEL 600V-0.85 Ohm-7A TO-220/TO-220FP/D2PAK Fast Diode SuperMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NK60ZFD Fiches technique(HTML) 8 Page - STMicroelectronics

  STP9NK60ZFD Datasheet HTML 1Page - STMicroelectronics STP9NK60ZFD Datasheet HTML 2Page - STMicroelectronics STP9NK60ZFD Datasheet HTML 3Page - STMicroelectronics STP9NK60ZFD Datasheet HTML 4Page - STMicroelectronics STP9NK60ZFD Datasheet HTML 5Page - STMicroelectronics STP9NK60ZFD Datasheet HTML 6Page - STMicroelectronics STP9NK60ZFD Datasheet HTML 7Page - STMicroelectronics STP9NK60ZFD Datasheet HTML 8Page - STMicroelectronics STP9NK60ZFD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image



Html Pages

1 2 3 4 5 6 7 8 9