Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD70201 Fiches technique(PDF) 32 Page - Microchip Technology

No de pièce PD70201
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Fiches technique(HTML) 32 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 28Page - Microchip Technology PD70201 Datasheet HTML 29Page - Microchip Technology PD70201 Datasheet HTML 30Page - Microchip Technology PD70201 Datasheet HTML 31Page - Microchip Technology PD70201 Datasheet HTML 32Page - Microchip Technology PD70201 Datasheet HTML 33Page - Microchip Technology PD70201 Datasheet HTML 34Page - Microchip Technology PD70201 Datasheet HTML 35Page - Microchip Technology PD70201 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
8.
Revision History
Revision
Date
Description
A
10/2020
Following is the summary of changes:
• The document was updated as per the Microchip standards.
• Document ID PD-000390461 was changed to DS00003672A.
• Added Table 1 to the Features section.
• Added new Figure 1 and note in the 2 Applications section.
• Updated units column of Table 2-5.
• Updated units column of Table 2-7.
• Edited the note in the 2.3 Thermal Properties section.
• Updated Figure 3-1 and Table 3-1 in the Pin Configuration section.
• Added K dimension values in Table 4-1 in the Package Specifications section.
• Changed Figure 4-4 in the Recommended PCB Layout section.
• Updated the 5.1 Peripheral Devices section.
• Edited the 5.7 Selecting the Sense Resistor section.
• Added the 7. Reference Documents section.
• Updated package specifications in Table 6-1 and notes in the 6. Ordering
Information section.
2.0
09/2019
Following is the summary of changes:
• Re-drew the QFN package diagram.
• Corrected a typo in pin name in the Applications Information section.
• Removed the column 'note' was from the Ordering Information table.
• Converted the document to Microsemi formatting standards.
1.4
07/2017
Updated the marking and MSL3 information
1.31
07/2016
Following is the summary of changes:
• Removed 'PD' in IC marking description
• Removed name of the front-end die (PD70210A) in functional block diagram
• Updated revision number and date in the footer
1.3
10/2015
Following is the summary of changes:
• Fixed Vaux pin description
• Added UVLO_ON missing information
• PD70224 was changed to PD70211 in figures 9, 10, and 11.
1.2
Updated a typo in part marking definition.
1.1
01/2015
Added a PCB footprint recommendation.
1.0
08/2014
Added frequency setting information.
0.6
07/2014
Flags maximum voltage was reduced and WA_EN information was added.
0.3
03/2013
General updates were made.
0.2
03/2012
Minor edits were made to the class values.
0.1
02/2012
It was the first publication of this document.
PD70211
Revision History
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36