Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD70211 Fiches technique(PDF) 28 Page - Microchip Technology

No de pièce PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70211 Fiches technique(HTML) 28 Page - Microchip Technology

Back Button PD70211 Datasheet HTML 24Page - Microchip Technology PD70211 Datasheet HTML 25Page - Microchip Technology PD70211 Datasheet HTML 26Page - Microchip Technology PD70211 Datasheet HTML 27Page - Microchip Technology PD70211 Datasheet HTML 28Page - Microchip Technology PD70211 Datasheet HTML 29Page - Microchip Technology PD70211 Datasheet HTML 30Page - Microchip Technology PD70211 Datasheet HTML 31Page - Microchip Technology PD70211 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Figure 5-2. External Power Input Connected to Application Supply Rails
Figure 5-3. External Power Input Connected to PD70211 Output
The PD70211 WA_EN pin disables the Isolation switch and the PSE input power, when an external adapter is
connected.
The WA_EN resistors divider depends on the VINH threshold of the PD70211.
Figure 5-4 shows the resistors that must be selected in external adapter connection.
PD70211
Applications Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36