Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DWM1001 Fiches technique(PDF) 14 Page - Qorvo, Inc

No de pièce DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  QORVO [Qorvo, Inc]
Site Internet  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Fiches technique(HTML) 14 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 10Page - Qorvo, Inc DWM1001 Datasheet HTML 11Page - Qorvo, Inc DWM1001 Datasheet HTML 12Page - Qorvo, Inc DWM1001 Datasheet HTML 13Page - Qorvo, Inc DWM1001 Datasheet HTML 14Page - Qorvo, Inc DWM1001 Datasheet HTML 15Page - Qorvo, Inc DWM1001 Datasheet HTML 16Page - Qorvo, Inc DWM1001 Datasheet HTML 17Page - Qorvo, Inc DWM1001 Datasheet HTML 18Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 14
6 ANTENNA PERFORMANCE
This section details antenna radiation patterns for the DWM1001-Dev board. Figure 3 presents a view of the
measurement planes considered in this document.
Table 11 shows antenna radiation patterns for the DWM1001 module mounted on the DWM1001-Dev board.
Three planes in the spherical space about the centre of the board are measured, with theta and phi plots
representing perpendicular polarisations.
The DWM1001 antenna is vertically polarised, meaning that the module is intended to be positioned vertically
upright when used in an RTLS system. An omnidirectional radiation pattern is seen in the XZ plane when
observed by another antenna which is also vertically polarised. This is shown in the XZ plane antenna patterns,
where the vertically polarised plot, phi, has a circular, or omnidirectional shape.
If the antennas are oriented perpendicular relative to each other, then the polarisation changes. In this case, the
horizontally polarised pattern, theta, applies and there are nulls at certain angles which can limit range and
introduce location inaccuracy.
Table 12 presents the key characteristics of the DWM1001’s antenna.
Figure 3. Antenna Radiation Pattern Planes
x
z
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30