| Moteur de recherche de fiches techniques de composants électroniques |
|
R8-DC4A2/Q Fiches technique(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R8-DC4A2/Q Fiches technique(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: R8-DC4A2 R8-DC4A2 SPECIFICATIONS ES-9716 Rev.3 Page 2/3 http://www.m-system.co.jp/ STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive EN 50581 EXTERNAL VIEW RUN Module Address Setting Rotary SW Function Setting DIP SW Terminator DIP SW 8 7 8 7 SW1 x10 1 2 3 4 5 6 7 8 x1 SW2 SW4 SW3 Term On On Status Indicator LED Output Status Indicator LED Internal Bus Connector Output Connectors FRONT VIEW SIDE VIEW CARD ADD. DO1 DO2 DO3 DO4 1 0 9 1 0 9 OPERATING MODE SETTING (*) Factory setting Caution ! - SW4-1 through 4-6 are unused. Be sure to turn off unused ones. ■ Module Address The left switch determines the tenth place digit, while the right switch does the ones place digit of the address. Address is selected between 0 to 31. (Factory setting: 0) Module Address Setting (x1) Module Address Setting (x10) 1 0 9 1 0 9 ■ Output at the Loss of Communication OUTPUT AT THE LOSS OF COMMUNICATION SW4 7 Output Hold (*) (last data correctly received is hold) OFF Stop output (Output fixed at OFF) ON ■ Configuration Mode CONFIGURATION MODE SW4 8 DIP switch setting (*) OFF PC Configurator and communication ON TERMINATOR SW SW3 Without (*) OFF With ON ■ Terminator DIP SW |