| Moteur de recherche de fiches techniques de composants électroniques |
|
R8-DCM16ALK/Q Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R8-DCM16ALK/Q Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: R8-DCM16ALK http://www.m-system.co.jp/ R8-DCM16ALK SPECIFICATIONS ES-9747 Rev.3 Page 4/7 OPERATING MODE SETTING (*) Factory setting ■ MODULE ADDRESS Module address can be set with SW1-1 through 1-4 for the tens, and SW1-5 through 1-8 for the ones place digit. Address is selected between 0 to 31. (Factory setting: 0) MODULE ADDRESS SW1 1 5 2 6 3 7 4 8 0 OFF OFF OFF OFF 1 OFF OFF OFF ON 2 OFF OFF ON OFF 3 OFF OFF ON ON 4 OFF ON OFF OFF 5 OFF ON OFF ON 6 OFF ON ON OFF 7 OFF ON ON ON 8 ON OFF OFF OFF 9 ON OFF OFF ON ■ INTERLOCK COMMUNICATION LOGIC REVERSAL Setting internal communication bus logic. Interlock Communication Logic Reversal SW2-1 Interlock function setting off: 1 Interlock function setting on: normal = 1, interlock = 0 ON Interlock function setting off: 0 (*) Interlock function setting on: normal = 0, interlock = 1 OFF Caution: 1 and 0 values are validated as logic through internal communication bus logic. ■ OUTPUT AT THE LOSS OF COMMUNICATION Setting for all output. OUTPUT AT THE LOSS OF COMMUNICATION SW2-5 Output Hold (*) (last data correctly rerceived is hold OFF Stop output (Output xed at OFF) ON ■ TERMINATOR DIP SW TERMINATOR SW SW2-6 Without (*) OFF With ON ■ CONFIGURATION MODE CONFIGURATION MODE SW2-8 DIP switch setting (*) OFF PC ON Caution: SW2-2 through 2-4 and 2-7 are unused; be sure to turn OFF unused channels. ■ FULL INTERLOCK FUNCTION It is available to apply full interlock function to all outputs (Do1 through Do16) Full Interlock Function SW3-1 OFF OFF ON (*) (all outputs OFF if input OFF) ON Caution: SW3-2 is unused; be sure to turn OFF unused channels. ■ INDIVIDUAL INTERLOCK • Individual interlock function 1 INDIVIDUAL INTERLOCK 1 SW4 1 SW6, 7 OFF OFF SW6, 7 ON (*) (Input OFF with output OFF) ON SW6 SW7 ON OFF • Individual interlock function 2 SW5 1 SW8, 9 OFF OFF SW8, 9 ON (*) ON SW8 SW9 ON OFF At output, it is available to apply interlock function to 2 points arbitrary. • Individual interlock function 1, channel 01 through 16 00, 17 through 99 Ones Tens INDIVIDUAL INTERLOCK 2 (Input OFF with output OFF) • Individual interlock function 2, channel 01 through 16 00, 17 through 99 INDIVIDUAL INTERLOCK 2 CHANNEL Tens Caution: SW4-2 and 5-2 are unused; be sure to turn OFF unused channels. Ones INDIVIDUAL INTERLOCK 1 CHANNEL |