Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WSD100N06GDN56 Fiches technique(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

No de pièce WSD100N06GDN56
Description  Secondary Side Synchronous Rectification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Site Internet  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD100N06GDN56 Fiches technique(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD100N06GDN56 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD100N06GDN56 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD100N06GDN56 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD100N06GDN56 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD100N06GDN56 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
N-Ch MOSFET
WSD100N06GDN56
Page 2
www.winsok.tw
Rev 1: Apr.2019
Symbol
Parameter
Min. Typ. Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
60
V
1
30
IGSS
Gate Leakage Current
±100
nA
VGS(TH)
Gate Threshold Voltage
1.2 1.8
2.5
V
3.0
3.6
mΩ
4.4
5.4
mΩ
Qg
Total Gate Charge
58
nC
Qgs
Qgs
Gate-Sour
Charge
16
nC
Qgd
Gate-Drain Charge
4.0
nC
td (on)
Turn-on Delay Time
18
ns
tr
Turn-on Rise Time
8
ns
td(off)
Turn-off Delay Time
50
ns
tf
Turn-off Fall Time
11
ns
Rg
Rg
Gat resistance
0.7
Ciss
Ciss
In
Capacitance
3458
pF
Coss
Coss
Out
Capacitance
1522
pF
Crss
Reverse Transfer Capacitance
22
pF
IS1,5
Continuous Source Current
55
A
ISM
Pulsed Source Current3
240
A
VSD 2
Diode Forward Voltage
0.8
1.3
V
trr
Reverse Recovery Time
27
ns
Qrr
Reverse Recovery Charge
33
nC
ISD =
1A , VGS=0V
ISD=20A, dlSD/dt=100A/µs
Switching
VDS=30V
VGS=10V
ID=2
0A
VGEN=10V
VDD=30V
ID=
20A
RG=Ω
VGS=0V, VDS=0V, f=1MHz
Dynamic
VGS=0V
VDS=30V
f=1MHz
VGS = ±20V, VDS = 0V
On Characteristics
VGS = VDS, IDS = 250µA
RDS(on)2
Drain-Source On-state Resistance
VGS = 10V, ID = 2
0A
VGS = 4.5V, ID =
15A
Conditions
Static
VGS = 0V, ID = 250μA
IDSS
Zero Gate Voltage Drain Current
VDS = 48 V, VGS = 0V
Drain-Source Diode Characteristics and Maximum Ratings
VG=VD=0V , Force Current
µA
TJ=85°C
Electrical Characteristics @TA=25℃ unless otherwise noted
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=50V,VGS=10V,L=0.1mH,IAS=40A
4.The power dissipation is limited by 150
℃ junction temperature
5.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
6.The maximum current rating is package limited.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com