Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5603CFMLL6R Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce MPC5603CFMLL6R
Description  MPC5604B/C Microcontroller Data Sheet
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603CFMLL6R Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button MPC5603CFMLL6R Datasheet HTML 13Page - NXP Semiconductors MPC5603CFMLL6R Datasheet HTML 14Page - NXP Semiconductors MPC5603CFMLL6R Datasheet HTML 15Page - NXP Semiconductors MPC5603CFMLL6R Datasheet HTML 16Page - NXP Semiconductors MPC5603CFMLL6R Datasheet HTML 17Page - NXP Semiconductors MPC5603CFMLL6R Datasheet HTML 18Page - NXP Semiconductors MPC5603CFMLL6R Datasheet HTML 19Page - NXP Semiconductors MPC5603CFMLL6R Datasheet HTML 20Page - NXP Semiconductors MPC5603CFMLL6R Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 14
NXP Semiconductors
17
PB[8]
PCR[24]
AF0
AF1
AF2
AF3
—
—
GPIO[24]
—
—
—
ANS[0]
OSC32K_XTAL7
SIUL
—
—
—
ADC
SXOSC
I
—
—
—
I
I/O
I
Tristate
30303953
R9
PB[9]
PCR[25]
AF0
AF1
AF2
AF3
—
—
GPIO[25]
—
—
—
ANS[1]
OSC32K_EXTAL7
SIUL
—
—
—
ADC
SXOSC
I
—
—
—
I
I/O
I
Tristate
29293852
T9
PB[10]
PCR[26]
AF0
AF1
AF2
AF3
—
—
GPIO[26]
—
—
—
ANS[2]
WKPU[8]4
SIUL
—
—
—
ADC
WKPU
I/O
—
—
—
I
I
J
Tristate
31314054
P9
PB[11]8
PCR[27]
AF0
AF1
AF2
AF3
—
GPIO[27]
E0UC[3]
—
CS0_0
ANS[3]
SIUL
eMIOS_0
—
DSPI_0
ADC
I/O
I/O
—
I/O
I
J
Tristate
38365981
N13
PB[12]
PCR[28]
AF0
AF1
AF2
AF3
—
GPIO[28]
E0UC[4]
—
CS1_0
ANX[0]
SIUL
eMIOS_0
—
DSPI_0
ADC
I/O
I/O
—
O
I
J
Tristate
39
—
61
83
M16
PB[13]
PCR[29]
AF0
AF1
AF2
AF3
—
GPIO[29]
E0UC[5]
—
CS2_0
ANX[1]
SIUL
eMIOS_0
—
DSPI_0
ADC
I/O
I/O
—
O
I
J
Tristate
40
—
63
85
M13
PB[14]
PCR[30]
AF0
AF1
AF2
AF3
—
GPIO[30]
E0UC[6]
—
CS3_0
ANX[2]
SIUL
eMIOS_0
—
DSPI_0
ADC
I/O
I/O
—
O
I
J
Tristate
41376587
L16
Table 5. Functional port pin descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More