Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4570WHRZ-R7 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADA4570WHRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4570WHRZ-R7 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADA4570WHRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4570WHRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4570WHRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4570WHRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4570WHRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4570WHRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4570WHRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4570WHRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4570WHRZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
ADA4570
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 14
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCOS−
Analog Negative Cosine Output.
2
VTEMP
Analog Temperature Output. The VTEMP pin must be left open when not in use.
3
VSIN−
Analog Negative Sine Output.
4
RSVD
Reserved. The RSVD pin must be connected to GND.
5
VSIN+
Analog Positive Sine Output.
6
VDD
Power Supply.
7
VCOS+
Analog Positive Cosine Output.
8
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14