Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAS236 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce FAS236
Description  Fast Architecture SCSI Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

FAS236 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

  FAS236 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAS236 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAS236 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAS236 Datasheet HTML 4Page - List of Unclassifed Manufacturers FAS236 Datasheet HTML 5Page - List of Unclassifed Manufacturers FAS236 Datasheet HTML 6Page - List of Unclassifed Manufacturers FAS236 Datasheet HTML 7Page - List of Unclassifed Manufacturers FAS236 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FAS216/216U/236/236U
53236-580-00 C
QLogic Corporation
Electrical Characteristics
Table 1. Operating Conditions
Symbol
Description
Minimum
Maximum
Unit
VDD
Supply voltage
4.75
5.25
V
IDDa
Supply current (static IDD)
4
mA
IDDb
Supply current (dynamic IDD)
40-60
mA
TA
Ambient temperature
0
70
oC
Table Notes
Conditions not within operating conditions but within the absolute maximum stress ratings may cause the chip to malfunction.
aStatic IDD is measured with no clocks running and all inputs forced to VDD, all outputs unloaded, and all bidirectional pins configured
as inputs.
bDynamic IDD is dependent on the application.
©October 4, 1996 QLogic Corporation, 3545 Harbor Blvd., Costa Mesa, CA 92626, (800) ON-CHIP-1 or (714) 438-2200
Specifications are subject to change without notice.
QLogic is a trademark of QLogic Corporation.



Html Pages

1 2 3 4 5 6 7 8