| Moteur de recherche de fiches techniques de composants électroniques |
|
OHV10-F228-R2 Fiches technique(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OHV10-F228-R2 Fiches technique(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 3 page ![]() Handheld reader OHV10-F228-R2 < All common 1-D or 2-D codes can be read < Reads from reflective surfaces < Audible, tactile, and visual user feedback < Degree of protection IP54 Handheld reader for all common 1-D and 2-D codes Function The handheld is a compact handheld reader for all common 1-D and 2-D codes. Special technology to prevent glare allows the device to accurately read codes on highly reflective surfaces. With a resolution of 1.2 million pixels, it can read both small and large codes from a wide range of distances. A different-colored target projection makes it easier to see the relevant code. Feedback comes in the form of a visual or audible signal or a vibration. Data is transferred via USB or RS-232, depending on which connection cable is selected. With its robust housing and IP54 protection, the handheld reader is ideally suited to heavy-duty industrial use. Dimensions 70 50 Technical Data General specifications 1 Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com |
Numéro de pièce similaire - OHV10-F228-R2 |
|
Description similaire - OHV10-F228-R2 |