| Moteur de recherche de fiches techniques de composants électroniques |
|
R7M-RS4-R-AR/Q Fiches technique(PDF) 15 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7M-RS4-R-AR/Q Fiches technique(HTML) 15 Page - M-System Co.,Ltd. |
|
15 / 39 page ![]() MODEL: R7M R7M SPECIFICATIONS ES-7803 Rev.26 Page 15/39 http://www.m-system.co.jp/ NPN DISCRETE INPUT & NPN TRANSISTOR OUTPUT MODULE, 8 points each (115.2 kbps) MODEL: R7M-DAC16C SPECIFICATIONS ■ COMMON SPECIFICATIONS Input common: Positive common per 8 points Output common: Negative common per 8 points Number of I/O: Input, 8 points; Output, 8 points Maximum I/O applicable at once: No limit (at 24 V DC) I/O status indicator: LED turns ON with contact ON Isolation: I/O to power input to Modbus or FG ■ INPUT Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max. ON voltage/current: ≥ 15 V DC (input-C+) / ≥ 3.5 mA OFF voltage/current: ≤ 5 V DC (input-C+) / ≤ 1 mA Input current: ≤ 5.5 mA per point at 24 V DC Input resistance: Approx. 4.4 kΩ ON delay: ≤ 0.5 msec. OFF delay: ≤ 1.0 msec. ■ OUTPUT Rated load voltage: 24 V DC ±10 % Rated output current: 0.1 A per point, 0.8 A per common Residual voltage: ≤ 1.2 V Leakage current: ≤ 0.1 mA ON delay: ≤ 0.5 msec. OFF delay: ≤ 1.0 msec. Overload current protection function: Limits the current value when overcurrent is detected Overheat Protection Function: Turns OFF the output when overheat is detected (When driving an inductive load, connect a diode in parallel with the load.) OPERATING MODE SETTING (*) Factory setting • Extension (SW1-1, 1-2) SW1-1 SW1-2 Extension OFF OFF No extension (*) ON OFF Discrete input, 8 or 16 points OFF ON Discrete output, 8 or 16 points • Output Operation Mode (SW1-3) SW1-3 Output operation mode OFF Disable (*) ON Enable Output switching mode can be independently selected by 2 outputs with PC Configuration software. An example of setting is given below. Output 0: Maintained output Output 1: Maintained output Output 2: Momentary output Output 3: Momentary output Output 4: Momentary output Output 5: Momentary output Output 6: Maintained output Output 7: Maintained output • Output at the Loss of Communication (SW1-4) SW1-4 Output at the loss of communication OFF Reset the output (turned off) ON Hold the output (*) (maintains the last data received normally) • Output Switching Mode (SW1-5) SW1-5 Output switching mode OFF Maintained Output Mode (*) ON Momentary Output Mode SW1-5 setting is disregarded when SW1-3 is set to ON. • Output ON Time (SW1-6, 1-7, 1-8) SW1-6 SW1-7 SW1-8 ON Time OFF OFF OFF 100 ms (*) ON OFF OFF 200 ms OFF ON OFF 300 ms ON ON OFF 500 ms OFF OFF ON 1 s ON OFF ON 2 s OFF ON ON 5 s ON ON ON 10 s TERMINAL ASSIGNMENTS 14 5 6 X7 X6 Y0 15 Y1 16 17 18 7 8 9 Y3 Y5 Y7 Y2 Y4 10 1 2 C+ C– X0 11 X1 12 13 3 4 X3 X5 X2 X4 Y6 NO. ID FUNCTION NO. ID FUNCTION 1 C– Common– 10 C+ Common+ 2 X0 Input 0 11 X1 Input 1 3 X2 Input 2 12 X3 Input 3 4 X4 Input 4 13 X5 Input 5 5 X6 Input 6 14 X7 Input 7 6 Y0 Output 0 15 Y1 Output 1 7 Y2 Output 2 16 Y3 Output 3 8 Y4 Output 4 17 Y5 Output 5 9 Y6 Output 6 18 Y7 Output 7 |