Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5603CFMLL4R Fiches technique(PDF) 16 Page - NXP Semiconductors

No de pièce MPC5603CFMLL4R
Description  MPC5604B/C Microcontroller Data Sheet
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603CFMLL4R Fiches technique(HTML) 16 Page - NXP Semiconductors

Back Button MPC5603CFMLL4R Datasheet HTML 12Page - NXP Semiconductors MPC5603CFMLL4R Datasheet HTML 13Page - NXP Semiconductors MPC5603CFMLL4R Datasheet HTML 14Page - NXP Semiconductors MPC5603CFMLL4R Datasheet HTML 15Page - NXP Semiconductors MPC5603CFMLL4R Datasheet HTML 16Page - NXP Semiconductors MPC5603CFMLL4R Datasheet HTML 17Page - NXP Semiconductors MPC5603CFMLL4R Datasheet HTML 18Page - NXP Semiconductors MPC5603CFMLL4R Datasheet HTML 19Page - NXP Semiconductors MPC5603CFMLL4R Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 14
Package pinouts and signal descriptions
NXP Semiconductors
16
PB[0]
PCR[16]
AF0
AF1
AF2
AF3
GPIO[16]
CAN0TX
—
—
SIUL
FlexCAN_0
—
—
I/O
O
—
—
M
Tristate
14142331
N3
PB[1]
PCR[17]
AF0
AF1
AF2
AF3
—
—
GPIO[17]
—
—
—
WKPU[4]4
CAN0RX
SIUL
—
—
—
WKPU
FlexCAN_0
I/O
—
—
—
I
I
S
Tristate
15152432
N1
PB[2]
PCR[18]
AF0
AF1
AF2
AF3
GPIO[18]
LIN0TX
SDA
—
SIUL
LINFlex_0
I2C_0
—
I/O
O
I/O
—
M
Tristate
64
64
100 144
B2
PB[3]
PCR[19]
AF0
AF1
AF2
AF3
—
—
GPIO[19]
—
SCL
—
WKPU[11]4
LIN0RX
SIUL
—
I2C_0
—
WKPU
LINFlex_0
I/O
—
I/O
—
I
I
S
Tristate
1111
C3
PB[4]
PCR[20]
AF0
AF1
AF2
AF3
—
GPIO[20]
—
—
—
GPI[0]
SIUL
—
—
—
ADC
I
—
—
—
I
I
Tristate
32325072
T16
PB[5]
PCR[21]
AF0
AF1
AF2
AF3
—
GPIO[21]
—
—
—
GPI[1]
SIUL
—
—
—
ADC
I
—
—
—
I
I
Tristate
35
—
53
75
R16
PB[6]
PCR[22]
AF0
AF1
AF2
AF3
—
GPIO[22]
—
—
—
GPI[2]
SIUL
—
—
—
ADC
I
—
—
—
I
I
Tristate
36
—
54
76
P15
PB[7]
PCR[23]
AF0
AF1
AF2
AF3
—
GPIO[23]
—
—
—
GPI[3]
SIUL
—
—
—
ADC
I
—
—
—
I
I
Tristate
37355577
P16
Table 5. Functional port pin descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More