Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25P128-VMF6TP Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce M25P128-VMF6TP
Description  128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P128-VMF6TP Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button M25P128-VMF6TP Datasheet HTML 10Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 11Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 12Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 13Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 14Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 15Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 16Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 17Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Memory Organization
M25P128
14/41
Rev. 1
Table 3.
Memory Organization
Sector
Address Range
63
FC0000h
FFFFFFh
62
F80000h
FBFFFFh
61
F40000h
F7FFFFh
60
F00000h
F3FFFFh
59
EC0000h
EFFFFFh
58
E80000h
EBFFFFh
57
E40000h
E7FFFFh
56
E00000h
E3FFFFh
55
DC0000h
DFFFFFh
54
D80000h
DBFFFFh
53
D40000h
D7FFFFh
52
D00000h
D3FFFFh
51
CC0000h
CFFFFFh
50
C80000h
CBFFFFh
49
C40000h
C7FFFFh
48
C00000h
C3FFFFh
47
BC0000h
BFFFFFh
46
B80000h
BBFFFFh
45
B40000h
B7FFFFh
44
B00000h
B3FFFFh
43
AC0000h
AFFFFFh
42
A80000h
ABFFFFh
41
A40000h
A7FFFFh
40
A00000h
A3FFFFh
39
9C0000h
9FFFFFh
38
980000h
9BFFFFh
37
940000h
97FFFFh
36
900000h
93FFFFh
35
8C0000h
8FFFFFh
34
880000h
8BFFFFh
33
840000h
87FFFFh
32
800000h
83FFFFh
31
7C0000h
7FFFFFh
30
780000h
7BFFFFh
29
740000h
77FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41