| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC885CZP133 Fiches technique(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC885CZP133 Fiches technique(HTML) 80 Page - NXP Semiconductors |
|
80 / 87 page ![]() MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7 80 Freescale Semiconductor Mechanical Data and Ordering Information PA4, CTS4, MII1-TXD1, RMII1-TXD1 U4 Bidirectional PA3, MII1-RXER, RMII1-RXER, BRGO3 W2 Bidirectional PA2, MII1-RXDV, RMII1-CRS_DV, TXD4 T4 Bidirectional PA1, MII1-RXD0, RMII1-RXD0, BRGO4 U1 Bidirectional PA0, MII1-RXD1, RMII1-RXD1, TOUT4 U3 Bidirectional PB31, SPISEL, MII1-TXCLK, RMII1-REFCLK V3 Bidirectional (Optional: open-drain) PB30, SPICLK P18 Bidirectional (Optional: open-drain) PB29, SPIMOSI T19 Bidirectional (Optional: open-drain) PB28, SPIMISO, BRGO4 V19 Bidirectional (Optional: open-drain) PB27, I2CSDA, BRGO1 U19 Bidirectional (Optional: open-drain) PB26, I2CSCL, BRGO2 R17 Bidirectional (Optional: open-drain) PB25, RXADDR31, TXADDR3, SMTXD1 V17 Bidirectional (Optional: open-drain) PB24, TXADDR31, RXADDR3, SMRXD1 U16 Bidirectional (Optional: open-drain) PB23, TXADDR21, RXADDR2, SDACK1, SMSYN1 W16 Bidirectional (Optional: open-drain) PB22, TXADDR41, RXADDR4, SDACK2, SMSYN2 V15 Bidirectional (Optional: open-drain) PB21, SMTXD2, TXADDR11, BRG01, RXADDR1, PHSEL[1] U14 Bidirectional (Optional: open-drain) PB20, SMRXD2, L1CLKOA, TXADDR01, RXADDR0, PHSEL[0] T13 Bidirectional (Optional: open-drain) PB19, MII1-RXD3, RTS4 V13 Bidirectional (Optional: open-drain) PB18, RXADDR41, TXADDR4, RTS2, L1ST2 T12 Bidirectional (Optional: open-drain) Table 39. Pin Assignments (continued) Name Pin Number Type |