| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5601PEF0MLL4R Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5601PEF0MLL4R Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 95 page ![]() Freescale Semiconductor Data Sheet: Advance Information Document Number: MPC5602P Rev. 6,12/2012 © Freescale Semiconductor, Inc., 2011-2013. All rights reserved. This document contains information on a product under development. Freescale reserves the right to change or discontinue this product without notice. MPC5602P 64 LQFP (10 mm x 10 mm) 100 LQFP (14 mm x 14 mm) MPC5602P Microcontroller Data Sheet • Up to 64 MHz, single issue, 32-bit CPU core complex (e200z0h) — Compliant with Power Architecture embedded category — Variable Length Encoding (VLE) • Memory organization — Up to 256 KB on-chip code flash memory with ECC and erase/program controller — Optional: additional 64 (4 × 16) KB on-chip data flash memory with ECC for EEPROM emulation — Up to 20 KB on-chip SRAM with ECC • Fail-safe protection — Programmable watchdog timer — Non-maskable interrupt — Fault collection unit • Nexus Class 1 interface • Interrupts and events — 16-channel eDMA controller — 16 priority level controller — Up to 25 external interrupts — PIT implements four 32-bit timers — 120 interrupts are routed via INTC • General purpose I/Os — Individually programmable as input, output or special function — 37 on 64 LQFP — 64 on 100 LQFP • 1 general purpose eTimer unit — 6 timers each with up/down capabilities — 16-bit resolution, cascadeable counters — Quadrature decode with rotation direction flag — Double buffer input capture and output compare • Communications interfaces — Up to 2 LINFlex modules (1× Master/Slave, 1× Master only) — Up to 3 DSPI channels with automatic chip select generation (up to 8/4/4 chip selects) — 1 FlexCAN interface (2.0B Active) with 32 message buffers — 1 safety port based on FlexCAN with 32 message buffers and up to 8 Mbit/s at 64 MHz capabilitym usable as second CAN when not used as safety port • One 10-bit analog-to-digital converter (ADC) — Up to 16 input channels (16 ch on 100 LQFP and 12 ch on 64 LQFP) — Conversion time < 1 µs including sampling time at full precision — Programmable Cross Triggering Unit (CTU) — 4 analog watchdogs with interrupt capability • On-chip CAN/UART bootstrap loader with Boot Assist Module (BAM) •1 FlexPWM unit — 8 complementary or independent outputs with ADC synchronization signals — Polarity control, reload unit — Integrated configurable dead time unit and inverter fault input pins — 16-bit resolution — Lockable configuration • Clock generation — 4–40 MHz main oscillator — 16 MHz internal RC oscillator — Software-controlled FMPLL capable of up to 64 MHz • Voltage supply — 3.3 V or 5 V supply for I/Os and ADC — On-chip single supply voltage regulator with external ballast transistor • Operating temperature ranges: –40 to 125 °C or –40 to 105 °C |
Numéro de pièce similaire - MPC5601PEF0MLL4R |
|
Description similaire - MPC5601PEF0MLL4R |