Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC885ZP66 Fiches technique(PDF) 30 Page - NXP Semiconductors

No de pièce MPC885ZP66
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885ZP66 Fiches technique(HTML) 30 Page - NXP Semiconductors

Back Button MPC885ZP66 Datasheet HTML 26Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 27Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 28Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 29Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 30Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 31Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 32Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 33Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
30
Freescale Semiconductor
Bus Signal Timing
Figure 17 through Figure 19 provide the timing for the external bus write controlled by various GPCM
factors.
Figure 17. External Bus Write Timing (GPCM Controlled—TRLX = 0, CSNT = 0)
CLKOUT
A[0:31]
CSx
WE[0:3]
OE
TS
D[0:31]
B11
B8
B22
B23
B12
B30
B28
B25
B26
B8
B9
B29
B29b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87