Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5602P Fiches technique(PDF) 43 Page - NXP Semiconductors

No de pièce MPC5602P
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602P Fiches technique(HTML) 43 Page - NXP Semiconductors

Back Button MPC5602P Datasheet HTML 39Page - NXP Semiconductors MPC5602P Datasheet HTML 40Page - NXP Semiconductors MPC5602P Datasheet HTML 41Page - NXP Semiconductors MPC5602P Datasheet HTML 42Page - NXP Semiconductors MPC5602P Datasheet HTML 43Page - NXP Semiconductors MPC5602P Datasheet HTML 44Page - NXP Semiconductors MPC5602P Datasheet HTML 45Page - NXP Semiconductors MPC5602P Datasheet HTML 46Page - NXP Semiconductors MPC5602P Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
43
NOTE
The voltage regulator output cannot be used to drive external circuits. Output pins are to be
used only for decoupling capacitance.
VDD_LV_COR must be generated using internal regulator and external NPN transistor. It is
not possible to provide VDD_LV_COR through external regulator.
For the MPC5602P microcontroller, capacitor(s), with total values not below CDEC1, should be placed between
VDD_LV_CORx/VSS_LV_CORx close to external ballast transistor emitter. 4 capacitors, with total values not below CDEC2, should
be placed close to microcontroller pins between each VDD_LV_CORx/VSS_LV_CORx supply pairs and the
VDD_LV_REGCOR/VSS_LV_REGCOR pair . Additionally, capacitor(s) with total values not below CDEC3, should be placed
between the VDD_HV_REG/VSS_HV_REG pins close to ballast collector. Capacitors values have to take into account capacitor
accuracy, aging and variation versus temperature.
All reported information are valid for voltage and temperature ranges described in recommended operating condition, Table 8
and Table 9.
Figure 8. Voltage regulator configuration
Table 13. Approved NPN ballast components
Part
Manufacturer
Approved derivatives1
BCP68
ON Semi
BCP68
NXP
BCP68-25
Infineon
BCP68-25
BCX68
Infineon
BCX68-10; BCX68-16; BCX-25
BC868
NXP
BC868
BCTRL
VDD_LV_COR
CDEC3
CDEC2
CDEC1
VDD_HV_REG
BJT(1)
MPC5602P
1 Refer to Table 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95