Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS950403 Fiches technique(PDF) 5 Page - Integrated Circuit Systems

No de pièce ICS950403
Description  AMD - K8??System Clock Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950403 Fiches technique(HTML) 5 Page - Integrated Circuit Systems

  ICS950403 Datasheet HTML 1Page - Integrated Circuit Systems ICS950403 Datasheet HTML 2Page - Integrated Circuit Systems ICS950403 Datasheet HTML 3Page - Integrated Circuit Systems ICS950403 Datasheet HTML 4Page - Integrated Circuit Systems ICS950403 Datasheet HTML 5Page - Integrated Circuit Systems ICS950403 Datasheet HTML 6Page - Integrated Circuit Systems ICS950403 Datasheet HTML 7Page - Integrated Circuit Systems ICS950403 Datasheet HTML 8Page - Integrated Circuit Systems ICS950403 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
ICS950403
Advance Information
0732—01/27/03
Table1: Frequency Selection Table
Bit4
Bit3
Bit2
Bit1
CPU
HTT
PCI
FS3
FS2
FS1
FS0
MHz
MHz
MHz
0
000
0
100.90
67.27
33.63
0
000
1
133.90
66.95
33.48
0
001
0
168.00
67.20
33.60
0
001
1
202.00
67.33
33.67
0
0
1
0
0
100.20
66.80
33.40
0
010
1
133.50
66.75
33.38
0
011
0
166.70
66.68
33.34
0
0
1
1
1
200.40
66.80
33.40
0
1
0
0
0
150.00
60.00
30.00
0
1
0
0
1
180.00
60.00
30.00
0
1
0
1
0
210.00
70.00
35.00
0
1
0
1
1
240.00
60.00
30.00
0
1
1
0
0
270.00
67.50
33.75
0
1
1
0
1
233.33
66.67
33.33
0
1
1
1
0
266.67
66.67
33.33
0
1
1
1
1
300.00
75.00
37.50
1
0
0
0
0
100.00
66.67
33.33
1
0
0
0
1
133.33
66.67
33.33
1
0
0
1
0
166.66
66.66
33.33
1
001
1
200.00
66.67
33.33
1
010
0
103.00
68.67
34.33
1
010
1
137.33
68.66
34.33
1
011
0
171.66
68.66
34.33
1
011
1
206.00
68.67
34.33
1
100
0
154.50
61.80
30.90
1
100
1
185.40
61.80
30.90
1
101
0
216.30
72.10
36.05
1
101
1
247.20
61.80
30.90
1
110
0
278.10
69.53
34.76
1
110
1
240.33
68.67
34.33
1
111
0
274.67
68.67
34.33
1
111
1
309.00
77.25
38.63
Bit5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18