| Moteur de recherche de fiches techniques de composants électroniques |
|
2STN1360 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STN1360 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() 1 Absolute Maximum Ratings 2STF1360 - 2STN1360 2/11 1 Absolute Maximum Ratings Table 1. Absolute Maximum Rating Table 2. Thermal Data Note: # Device mounted on a PCB area of 1 cm2. Symbol Parameter Value Unit 2STF1360 2STN1360 SOT-89 SOT-223 VCBO Collector-Base Voltage (IE = 0) 80 V VCEO Collector-Emitter Voltage (IB = 0) 60 V VEBO Emitter-Base Voltage (IC = 0) 6V IC Collector Current 3 A ICM Collector Peak Current (tP < 5ms) 5A IB Base Current 0.2 A IBM Base Peak Current (tP < 5ms) 0.4 A PTOT Total dissipation at Tc = 25°C 1.4 1.6 W Tstg Storage Temperature -65 to 150 °C TJ Max. Operating Junction Temperature 150 °C Symbol Parameter SOT-89 SOT-223 RthJ-amb # Thermal Resistance Junction-Ambient ______ ______Max 89 78 °C/W |