| Moteur de recherche de fiches techniques de composants électroniques |
|
ACE25QC200GL Fiches technique(PDF) 49 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25QC200GL Fiches technique(HTML) 49 Page - ACE Technology Co., LTD. |
|
49 / 64 page ![]() ACE25QC200GL 2M BIT SPI NOR FLASH VER 1.1 49 Read Serial Flash Discoverable Parameter (5AH) The Serial Flash Discoverable Parameter (SFDP) standard provides a consistent method of describing the functional and feature capabilities of serial flash devices in a standard set of internal parameter tables. These parameter tables can be interrogated by host system software to enable adjustments needed to accommodate divergent features from multiple vendors. The concept is similar to the one found in the Introduction of JEDEC Standard, JESD68 on CFI. SFDP is a JEDEC Standard, JESD216B. Figure39. Read Serial Flash Discoverable Parameter instruction Sequence Diagram |