Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

577262 Fiches technique(PDF) 2 Page - Festo Corporation.

No de pièce 577262
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FESTO [Festo Corporation.]
Site Internet  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

577262 Fiches technique(HTML) 2 Page - Festo Corporation.

  577262 Datasheet HTML 1Page - Festo Corporation. 577262 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Product weight
335 g
Type of mounting
With through-hole
Venting hole connection
Not ducted
Pneumatic connection 1
1/4 NPT
Pneumatic connection 2
NAMUR connection diagram
Pneumatic connection 3
1/4 NPT
Pneumatic connection 4
NAMUR connection diagram
Pneumatic connection 5
1/4 NPT
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
Wrought aluminum alloy
Material of screws
High-alloy stainless steel
8/17/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2